Part Number Hot Search : 
80CLQ150 01061 81PFF W51F20 SMA5935B 6308G 30090 MZ4103
Product Description
Full Text Search
 

To Download SMAJ43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMAJ 5.0 ~ 170A
VBR : 6.8 - 200 Volts PPK : 400 Watts
FEATURES :
* 400W surge capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.) * Typical IR less then 1A above 10V
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMA (DO-214AC)
1.1 0.3 5.0 0.15 4.5 0.15
1.2 0.2 2.6 0.15 2.1 0.2
0.2 0.07
MECHANICAL DATA
* Case : SMA Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Lead Formed for Surface Mount * Polarity : Color band denotes cathode end except Bipolar. * Mounting position : Any * Weight : 0.064 grams
2.0 0.2
Dimensions in millimeter
MAXIMUM RATINGS
Rating at Ta = 25 C ambient temperature unless otherwise specified.
Rating
Peak Pulse Power Dissipation (Note1,2,5) Fig. 4 Peak Forward Surge Current per Fig. 5 (Note 3) Peak Pulse Current on 10/1000 s waveform (Note 1, Fig. 1) Steady State Power Dissipation (Note 4) Operating Junction and Storage Temperature Range Notes :
Symbol
PPPM IFSM IPPM PM(AV) TJ, TSTG
Value
Minimum 400 40 See Table 1.0 - 55 to + 150
Units
Watts Amps Amps Watt
C
(1) Non-repetitive Current pulse, per Fig. 3 and derated above Ta = 25 C per Fig. 1 (2) Mounted on 5.0mm (0.013mm) copper pads to each terminal. (3) 8.3ms single half sine-wave duty cycle=4 pulses per minutes maximum. (4) Lead temperature at TL =75C (5) Peak pulse power waveform is 10/1000s.
2
UPDATE : SEPTEMBER 5, 2000
ELECTRICAL CHARACTERISTICS
Rating at Ta = 25 C ambient temperature unless otherwise specified Breakdown Voltage @ IT ( Note 1 ) VBR (V) Min. SMAJ5.0 SMAJ5.0A SMAJ6.0 SMAJ6.0A SMAJ6.5 SMAJ6.5A SMAJ7.0 SMAJ7.0A SMAJ7.5 SMAJ7.5A SMAJ8.0 SMAJ8.0A SMAJ8.5 SMAJ8.5A SMAJ9.0 SMAJ9.0A SMAJ10 SMAJ10A SMAJ11 SMAJ11A SMAJ12 SMAJ12A SMAJ13 SMAJ13A SMAJ14 SMAJ14A SMAJ15 SMAJ15A SMAJ16 SMAJ16A SMAJ17 SMAJ17A SMAJ18 SMAJ18A SMAJ20 SMAJ20A SMAJ22 SMAJ22A SMAJ24 SMAJ24A SMAJ26 SMAJ26A SMAJ28 SMAJ28A SMAJ30 SMAJ30A S06H S56H S07A S57A S07G S57G S08C S58C S08I S58I S09B S59B S010 S510 S011 S511 S012 S512 S013 S513 S014 S514 S015 S515 S016 S516 S018 S518 S019 S519 S020 S520 S021 S521 S023 S523 S026 S526 S028 S528 S030 S530 S033 S533 S035 S535 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 Max. 7.3 7.0 8.15 7.37 8.82 7.98 9.51 8.6 10.3 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 IT (mA) 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Working Peak Reverse Voltage VWM (V) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 Maximum Reverse Leakage @ VWM ID ( A) 800 800 800 800 500 500 200 200 100 100 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Peak Impulse Surge Current (Note 1) IPPM (A) 41.6 43.5 35.1 38.8 32.5 35.7 30.1 33.3 28.0 31.0 26.5 29.4 25.1 27.7 23.6 26.0 21.2 23.5 20.0 22.0 18.1 20.1 16.8 18.6 15.5 17.2 14.8 16.4 13.8 15.3 13.1 14.5 12.4 13.7 11.1 12.3 10.1 11.2 9.3 10.3 8.6 9.5 8.0 8.8 7.5 8.3 Maximum Clamping Voltage @ IPPM (Note 1) VC (V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 60.0 45.4 53.5 48.4
TYPE
Marking Code
ELECTRICAL CHARACTERISTICS
Rating at Ta = 25 C ambient temperature unless otherwise specified Breakdown Voltage @ IT ( Note 1 ) VBR (V) Min. SMAJ33 SMAJ33A SMAJ36 SMAJ36A SMAJ40 SMAJ40A SMAJ43 SMAJ43A SMAJ45 SMAJ45A SMAJ48 SMAJ48A SMAJ51 SMAJ51A SMAJ54 SMAJ54A SMAJ58 SMAJ58A SMAJ60 SMAJ60A SMAJ64 SMAJ64A SMAJ70 SMAJ70A SMAJ75 SMAJ75A SMAJ78 SMAJ78A SMAJ85 SMAJ85A SMAJ90 SMAJ90A SMAJ100 SMAJ100A SMAJ110 SMAJ110A SMAJ120 SMAJ120A SMAJ130 SMAJ130A SMAJ150 SMAJ150A SMAJ160 SMAJ160A SMAJ170 SMAJ170A S039 S539 S042 S542 S047 S547 S050 S550 S053 S553 S056 S556 S060 S560 S063 S563 S068 S568 S071 S571 S075 S575 S082 S582 S088 S588 S091 S591 S099 S599 S0B1 S5B1 S0B2 S5B2 S0B3 S5B3 S0B4 S5B4 S0B5 S5B5 S0B8 S5B8 S0B9 S5B9 S0D0 S5D0 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 Max. 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.4 78.6 95.1 86 102 92.1 106 95.8 115 104 122 111 136.0 123.0 149 135 163.0 147.0 176 159 204 185 218.0 197.0 231 209 IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Working Peak Reverse Voltage VWM (V) 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170 Maximum Reverse Leakage @ VWM ID ( A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Peak Impulse Surge Current (Note 1) IPPM (A) 6.8 7.5 6.2 6.9 5.6 6.2 5.2 5.7 5.0 5.5 4.7 5.2 4.4 4.9 4.2 4.6 3.9 4.3 3.7 4.1 3.5 3.9 3.2 3.5 3.0 3.3 2.9 2.2 2.6 2.9 2.5 2.7 2.2 2.5 2.0 2.3 1.9 2.0 1.7 1.9 1.5 1.6 1.4 1.5 1.3 1.4 Maximum Clamping Voltage @ IPPM (Note 1) VC (V) 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275
TYPE
Marking Code
Note: ( 1 ) Peak pulse power waveform is 10/1000s.
RATING AND CHARACTERISTIC CURVES ( SMAJ5.0 - SMAJ170A )
FIG.1 - PULSE DERATING CURVE
6,000 120
FIG.2 - TYPICAL JUNCTION CAPACITANCE
TJ = 25 C f = 1.0 MHz Vsig = 50 mVP-P 1,000
PEAK PULSE POWER OR CURRENT DERATING IN PERCENTAGE
100 80
60
CJ, CAPACITANCE, pF
VR Measured @ Zero Basic (0V)
100
40
20 0 0 25 50 75 100 125 150 175
Measured at Stand-off Voltage Voltage VWM 10 1 2 10 20 100 200
Ta, AMBIENT TEMPERATURE, ( C)
VBR, BREAKDOWN VOLTAGE,VOLTS
FIG.3 - PULSE WAVEFORM IPPM , PEAK PULSE CURRENT, %
tf = 10s 100 Peak Value IPPM Ta=25 C Pulse Width (td) is defined as that point where the peak current decays to 50% of IPPM 100
FIG.4 - PEAK PULSE POWER RATING CURVE
PPPM ,PEAK POWER (kW)
NON-REPETITIVE PULSE WAVEFORM SHOW IN FIG. 3 ,Ta=25 C 10
50
Half Value - IPPM 2
1.0
td 0 0 1.0 2.0 3.0 4.0 0.1 0.1 s 1.0 s 10 s 100 s 1.0ms 10ms
t, TIME(ms)
td, PULSE WIDTH, SEC FIG.5 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
50
PEAK FORWARD CURRENT, AMPERES
40
TJ = TJ max 8.3 ms Single half sine-wave JEDEC Method
30
20
10
0 1 5 10 50 100
NUMBER OF CYCLES AT 60 Hz


▲Up To Search▲   

 
Price & Availability of SMAJ43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X